|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
discontinued product shown for reference only. quad 1.5 a darlington switches high-voltage, high-current darlington arrays uln2064b/lb through uln2069b/lb are designed for interface between low-level logic and a variety of peripheral loads such as relays, solenoids, dc and stepper motors, magnetic print hammers, multiplexed led and incan- descent displays, heaters, and similar loads. output off voltage ratings of 50 v and 80 v are available. these quad drivers can drive resistive loads to 480 watts (1.5 a x 80 v, 26% duty cycle). for inductive loads, sustaining voltages of 35 v and 50 v at 100 ma are specified. quad drivers uln2064b/lb, uln2065b/lb, uln2068b/lb, and uln2069b/lb are intended for use with ttl, low-speed ttl, and 5 v mos logic. the uln2065b/lb and uln2069b/lb are selected for the 80 v minimum output breakdown specification. the uln2068b/lb and uln2069b/lb have pre-driver stages and are recommended for applications requiring high gain (low input-current loading). quad-driver arrays are supplied with heat-sink contact tabs in 16-pin plastic dlps (suffix ?? and 20-lead surface-mountable wide- body soics (suffix ?b?. features ttl, dtl, mos, cmos compatible inputs transient-protected outputs loads to 480 watts heat-sink contact tabs automotive capable absolute maximum ratings at +25 c free-air temperature for any one driver (unless otherwise noted) output voltage, v cex ................ see guide output sustaining voltage, v ce(sus) ............................. see guide output current, i out (note 1) .......... 1.75 a input voltage, v in ...................... see guide input current, i b (note 2) .................. 25 ma supply voltage, v s (uln2068b/lb & 2069b/lb) ... 10 v total package power dissipation, p d ....................................... see graph operating temperature range, t a ................................. -20 c to +85 c storage temperature range, t s ................................ -55 c to -150 c 1. allowable combinations of output current, number of outputs conducting, and duty cycle are shown on the following pages. 2. input current may be limited by maximum allowable input voltage. data sheet 29305h always order by complete part number, e.g., uln2068b . 2064 thru 2069 uln2064/65b k16 15 14 13 12 611 710 89 1 2 3 4 5 dwg. no. a-9765a b c k c b gnd gnd c nc b gnd gnd b nc c .com .com .com .com 4 .com u datasheet
2064 thru 2069 quad 1.5 a darlington switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 2 part max. min. max. number* v cex v ce(sus) v in application uln2064b 50 v 35 v 15 v ttl, dtl, schottky ttl, uln2064lb and 5 v cmos uln2065b 80 v 50 v 15 v uln2065lb uln2068b 50 v 35 v 15 v ttl, dtl, schottky ttl, uln2068lb and 5 v cmos uln2069b 80 v 50 v 15 v uln2069lb selection guide test figures figure 8 figure 7 figure 6 figure 5 dwg. no. a-9736 dwg. no. a-10,351 open i c ma v in v s i s v dwg. no. a-9734a open v ce v v in i c dwg. no. a-9735a figure 4 figure 1 dwg. no. a-10,349 figure 3 dwg. no. a-9729a dwg. no. a-10,350 figure 2 v ce v in open i c v i b open v ce v i c dwg. no. a-9732a v in open ma open i in i f open v f v open v r i r a open open v ce i cex a 50 75 100 125 150 5 1 0 allowable package power dissipation in watts temperature in c 4 3 2 25 dwg. gp-049-3a r = 6.0 c/w jt suffix 'b', r = 43 c/w ja suffix 'lb', r = 87 c/w ja copyright ?1977, 2002 allegro microsystems, inc. * suffix ??is a 16-pin dip; ?b?is a 20-lead soic. .com .com .com .com .com 4 .com u datasheet 2064 thru 2069 quad 1.5 a darlington switches www.allegromicro.com 3 test applicable limits characteristic symbol fig. devices test conditions min. max. units output leakage current i cex 1 uln2064b/lb v ce = 50 v 100 a v ce = 50 v, t a = 70 c 500 a uln2065b/lb v ce = 80 v 100 a v ce = 80 v, t a = 70 c 500 a output sustaining voltage v ce(sus ) 2 uln2064b/lb i c = 100 ma, v in = 0.4 v 35 v uln2065b/lb i c = 100 ma, v in = 0.4 v 50 v v ce(sat) 3 all i c = 500 ma, i b = 625 a 1.1 v i c = 750 ma, i b = 935 a 1.2 v i c = 1.0 a, i b = 1.25 ma 1.3 v l c = 1.25 a, i b = 2.0 ma 1.4 v uln2065b/lb i c = 1.5 a, i b = 2.25 ma 1.5 v input current i in(on) 4 all v in = 2.4 v 1.4 4.3 ma v in = 3.75 v 3.3 9.6 ma input voltage v in(on) 5 all v ce = 2.0 v, i c = 1.0 a 2.0 v uln2064b/lb v ce = 2.0 v, i c = 1.25 a 2.5 v uln2065b/lb v ce = 2.0 v, i c = 1.5 a 2.5 v turn-on delay t plh all 0.5 e in to 0.5 e out 1.0 s turn-off delay t phl all 0.5 e in to 0.5 e out 1.5 s clamp diode leakage current i r 6 uln2064b/lb v r = 50 v 50 a v r = 50 v, t a = 70 c 100 a uln2065b/lb v r = 80 v 50 a v r = 80 v, t a = 70 c 100 a clamp diode forward voltage v f 7 all i f = 1.0 a 1.75 v i f = 1.5 a 2.0 v collector-emitter saturation voltage partial schematic k16 15 14 13 12 611 710 89 1 2 3 4 5 b c k c b gnd gnd c nc b gnd gnd b nc c uln2064/65b k20 19 18 16 15 813 912 10 11 1 2 3 5 6 b c k c b gnd gnd c nc b gnd gnd b nc c 14 7 17 4 gnd gnd gnd gnd uln2064/65lb electrical characteristics at +25 c (unless otherwise noted). dwg. no. a-9765a dwg. no. a-14,326 dwg. fp-052 3 k 7.2 k 350 ? k c b .com .com .com .com .com 4 .com u datasheet 2064 thru 2069 quad 1.5 a darlington switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 4 partial schematic test applicable limits characteristic symbol fig. devices test conditions min. max. units output leakage current i cex 1 uln2068b/lb v ce = 50 v 100 a v ce = 50 v, t a = 70 c 500 a uln2069b/lb v ce = 80 v 100 a v ce = 80 v, t a = 70 c 500 a output sustaining voltage v ce(sus ) 2 uln2068b/lb i c = 100 ma, v in = 0.4 v 35 v uln2069b/lb i c = 100 ma, v in = 0.4 v 50 v v ce(sat) 3 all i c = 500 ma, v in = 2.75 v 1.1 v i c = 750 ma, v in = 2.75 v 1.2 v i c = 1.0 a, v in = 2.75 v 1.3 v l c = 1.25 a, v in = 2.75 v 1.4 v uln2069b/lb i c = 1.5 a, v in = 2.75 v 1.5 v input current i in(on) 4 all v in = 2.75 v 550 a v in = 3.75 v 1000 a input voltage v in(on) 5 uln2068b/lb v ce = 2.0 v, i c = 1.25 a 2.75 v uln2069b v ce = 2.0 v, i c = 1.5 a 2.75 v supply current i s 8 all i c = 500 ma, v in = 2.75 v 6.0 ma turn-on delay t plh all 0.5 e in to 0.5 e out 1.0 s turn-off delay t phl all 0.5 e in to 0.5 e out , i c = 1.25 a 1.5 s clamp diode leakage current i r 6 uln2068b/lb v r = 50 v 50 a v r = 50 v, t a = 70 c 100 a uln2069b/lb v r = 80 v 50 a v r = 80 v, t a = 70 c 100 a clamp diode forward voltage v f 7 all i f = 1.0 a 1.75 v i f = 1.5 a 2.0 v collector-emitter saturation voltage electrical characteristics at +25 c, v s = 5.0 v (unless otherwise noted). k16 15 14 13 12 611 710 89 1 2 3 4 5 b nc c c b gnd gnd c b v s gnd gnd b c k dwg. no. a-10,310 uln2068/69b k20 19 18 16 15 813 912 10 11 1 2 3 5 6 b nc c c b gnd gnd c b v s gnd gnd b c k 14 7 17 4 gnd gnd gnd gnd uln2068/69lb dwg. no. a-14,327 dwg. fp-052-1 3 k 7.2 k 2.5 k k c b v s 900 ? .com .com .com .com .com 4 .com u datasheet 2064 thru 2069 quad 1.5 a darlington switches www.allegromicro.com 5 peak collector current as a function of duty cycle (dual in-line packaged devices) dwg. no. a-10,398c dwg. no. a-10,360b dwg. no. a-10,361b dwg. no. a-10,400c 1.5 1.0 0.5 0 0 allowable peak collector current in amperes at 50 c 20 40 60 80 100 percent duty cycle 4 3 2 number of outputs conducting simultaneously uln2064b through uln2069b with staver v-7 heat sink 27.5 c/w 1.5 1.0 0.5 0 0 allowable peak collector current in amperes at 50 c 20 40 60 80 100 percent duty cycle 4 3 2 number of outputs conducting simultaneously uln2064b through uln2069b with staver v-8 heat sink 37.5 c/w 1.5 1.0 0.5 0 0 allowable peak collector current in amperes at 70 c 20 40 60 80 100 percent duty cycle 4 3 2 1 number of outputs conducting simultaneously uln2064b through uln2069b 1.5 1.0 0.5 0 0 allowable peak collector current in amperes at 50 c 20 40 60 80 100 percent duty cycle 4 3 2 number of outputs conducting simultaneously uln2064b through uln2069b .com .com .com .com .com 4 .com u datasheet 2064 thru 2069 quad 1.5 a darlington switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 6 1.5 1.0 0.5 0 0 allowable peak collector current in amperes at 70 c 20 40 60 80 100 percent duty cycle 4 3 2 number of outputs conducting simultaneously uln2064b through uln2069b with staver v-7 heat sink 27.5 c/w 1.5 1.0 0.5 0 0 allowable peak collector current in amperes at 70 c 20 40 60 80 100 percent duty cycle 4 3 2 number of outputs conducting simultaneously 1 1.5 1.0 0.5 0 0 allowable peak collector current in amperes at 50 c 20 40 60 80 100 percent duty cycle 4 3 2 number of outputs conducting simultaneously peak collector current as a function of duty cycle (dual in-line packaged devices) 1.5 1.0 0.5 0 0 allowable peak collector current in amperes at 70 c 20 40 60 80 100 percent duty cycle 4 3 2 number of outputs conducting simultaneously uln2064b through uln2069b with staver v-8 heat sink 37.5 c/w dwg. no. a-10,399c dwg. no. a-10,401c peak collector current as a function of duty cycle (soic packaged devices) dwg. gp-045 dwg. gp-045-1 .com .com .com .com .com 4 .com u datasheet 2064 thru 2069 quad 1.5 a darlington switches www.allegromicro.com 7 1.2 0.8 0.4 0 input voltage - v in 1.4 1.0 0.6 0.2 1.5 2.5 3.5 4.5 input current in ma - i in 2.0 3.0 4.0 5.0 minimum uln2068/69 maximum 1.5 1.0 0.5 0 input current in ma - i b 0 1.0 2.0 3.0 collector current in amperes - i c uln2065 uln2064 m a x i m u m r e q u i r e d i b collector current as a function of input current at +25 c dwg. no. a-10,358c dwg. no. a-12,305a input current as a function of input voltage at +25 c dwg. no. a-12,306a dwg. no. a-10,363c 12 8 4 0 input voltage - v in 14 10 6 2 1.5 2.5 3.5 4.5 input current in ma - i in 2.0 3.0 4.0 5.0 area of normal operation with standard or low-speed ttl uln2064/65 maximum minimum 1.5 1.0 0.5 0 input current in a - i b 0 50 100 150 collector current in amperes - i c uln2068 uln2069 m a x i m u m r e q u i r e d i b .com .com .com .com .com 4 .com u datasheet 2064 thru 2069 quad 1.5 a darlington switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 8 typical application common-cathode led drivers (types uln2065b, uln2065lb, uln2068b, and uln2068lb are also applicable) 16 15 14 13 12 611 710 89 1 2 3 4 5 uln2064b nc lamp test dwg. no. b-1365 .com .com .com .com .com 4 .com u datasheet 2064 thru 2069 quad 1.5 a darlington switches www.allegromicro.com 9 uln2064b, uln2065b, uln2068b, and uln2069b dimensions in inches (controlling dimensions) dimensions in millimeters (for reference only) notes: 1. exact body and lead configuration at vendor s option within limits shown. 2. lead spacing tolerance is non-cumulative. 3. lead thickness is measured at seating plane or below. 4. webbed lead frame. leads 4, 5, 12, and 13 are internally one piece. 5. supplied in standard sticks/tubes of 25 devices. 0.508 0.204 7.62 bsc dwg. ma-001-17a mm 10.92 max 16 1 8 7.11 6.10 5.33 max 1.77 1.15 0.39 min 0.558 0.356 2.54 bsc 0.13 min 3.81 2.93 9 19.68 18.67 note 4 0.020 0.008 0.300 bsc dwg. ma-001-17a in 0.430 max 16 1 8 0.280 0.240 0.210 max 0.070 0.045 0.015 min 0.022 0.014 0.100 bsc 0.005 min 0.150 0.115 9 0.775 0.735 note 4 .com .com .com .com .com 4 .com u datasheet 2064 thru 2069 quad 1.5 a darlington switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 10 0 to 8 1 20 2 3 0.51 0.33 0.10 min. dwg. ma-008-21a mm 1.27 bsc 11 0.32 0.23 1.27 0.40 note 1 note 3 7.60 7.40 10.65 10.00 13.00 12.60 2.65 2.35 uln2064lb, uln2065lb, uln2068lb, and uln2069lb (add tr to part number for tape and reel) dimensions in inches (for reference only) dimensions in millimeters (controlling dimensions) notes: 1. exact body and lead configuration at vendor s option within limits shown. 2. lead spacing tolerance is non-cumulative. 3. webbed lead frame. leads 4 through 7 and 14 through 17 are internally one piece. 4. lead thickness is measured at seating plane or below. 5. supplied in standard sticks/tubes of 37 devices or add tr to part number for tape and reel. 0 to 8 1 2 3 0.020 0.013 0.0040 min. 0.0125 0.0091 0.050 0.016 dwg. ma-008-21a in 0.050 bsc 20 11 note 1 note 3 0.2992 0.2914 0.419 0.394 0.5118 0.4961 0.0926 0.1043 .com .com .com .com .com 4 .com u datasheet 2064 thru 2069 quad 1.5 a darlington switches www.allegromicro.com 11 the products described here are manufactured under one or more u.s. patents or u.s. patents pending. allegro microsystems, inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. before placing an order, the user is cautioned to verify that the information being relied upon is current. allegro products are not authorized for use as critical components in life-support devices or systems without express written approval. the information included herein is believed to be accurate and reliable. however, allegro microsystems, inc. assumes no responsi- bility for its use; nor for any infringement of patents or other rights of third parties which may result from its use. .com .com .com .com .com 4 .com u datasheet 2064 thru 2069 quad 1.5 a darlington switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 12 power sink drivers in order of 1) output current, 2) output voltage, 3) number of drivers output ratings * features serial latched diode internal ma v # input drivers clamp outputs protection part number ? 75 17 8 x x C constant current C 6275 17 16 x x C constant current C 6276 100 20 8 C C C saturated C 2595 30 32 x x C C C 5833 40 32 x x C saturated C 5832 50 8 addressable decoder/driver dmos C 6b259 50 8 C x C dmos C 6b273 50 8 x x C dmos C 6b595 120 24 8 x x C constant current C 6277 250 50 8 addressable decoder/driver dmos C 6259 50 8 C x C dmos C 6273 50 8 x x C dmos C 6595 50 8 C C x saturated C 2596 60 4 C C x saturated x 2557 350 50 4 C x x C C 5800 50 7 C C x C C 2003 50 7 C C x C C 2004 50 8 C C x C C 2803 50 8 C x x C C 5801 50 8 x x C C C 5821 50 8 x x x C C 5841 50 8 addressable decoder/driver dmos C 6a259 50 8 x x C dmos C 6a595 80 8 x x C C C 5822 80 8 x x x C C 5842 95 7 C C x C C 2023 95 7 C C x C C 2024 450 30 28 dual 4- to 14-line decoder/driver C C 6817 600 60 4 C C C saturated x 2547 60 4 C C x saturated x 2549 and 2559 700 60 4 C C x saturated x 2543 750 50 8 C C x saturated C 2597 1000 46 4 stepper motor controller/driver mos C 7024 and 7029 1200 46 4 microstepping controller/driver mos C 7042 1250 50 4 stepper motor translator/driver C x 5804 1800 50 4 C C x C C 2540 3000 46 4 stepper motor controller/driver mos C 7026 46 4 microstepping controller/driver mos C 7044 4000 50 4 C C x C C 2878 * current is maximum specified test condition, voltage is maximum rating. see specification for sustaining voltage limits or over-current protection voltage limits. ? complete part number includes additional characters to indicate operating temperature range and package style. .com .com .com .com 4 .com u datasheet |
Price & Availability of ULS2069 |